|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
L U M IN I S 1 2 3 4 5 6 7 8 9 10 Specification TORCH TR25 All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated porcelain socket or 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. 1 - 24" dia. x 1/4" thick aluminum disc reflector. Reflector is standard white enamel on both faces. Optional non reflective face painted same color as the luminaire suffix -RD 2 - Cast aluminum interlocking rotation swivel. 3 - Set of two 1/2" dia . solid aluminum reflector disc supports. 4 - Clear tempered flush mount sealed glass lens. 5 - Removable sealed access cover for relamping. 6 - Extruded aluminum tubular housing. 7 - Semi-specular aluminum reflector for point source lamps. 8 - Cast aluminum base spacer rings. 9 - Set of two cast aluminum side tube holders. 10 - One piece cast aluminum cone housing. 40" Note: Torch TR25 series is a modular luminaire offered with an array of standard attachments, to meet multiple installation requirements. Please specify desired mounting accessory with model number. Please refer to pages 136 & 137 Weight & EPA E.P.A: 1.76 Max. weight: 24 lbs.. Photometry Photometry Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com. 90 60 30 Certification UL. Wet Location. For options details and specifications, please refer to pages 103.136 & 137 Model# Mounting Light source selection Voltage 120 V Standard factory prewired (If no voltage is specified) For other voltages, please specify with catalog number. H.I.D. 208 V 240 V 277 V 347 V H.I.D. G12/T6 120 V 277 V Finish (Refer to color chart) Standard selection WHT:Snow white BKT: Jet black BZT: Bronze GRT: Titanium gray DGT: Gun metal CHT: Champagne MST: Matte silver GNT: Forest green Optional colors CS: Custom color RAL: RAL# color RD:: Options Accessories Alternate top face disc color same as luminaire. reflective surface remains white enamel. Electrical Fuse 120/277V photo cell. 347V photo cell. MH (ED17) ACA6 ACW6 APC3 P T3 M50 M70 M100 M150 M175 MH (G12) T6 M39T M70T M150T TR25 FS: PH1: PH2: Note: 50W.HPS is available with 120/277V only. (Lamps by others) Luminaires may be altered for improvements or discontinued without prior notice. LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5 Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999 Web: www.luminis.com Sept. 2006 Rev. June.2007 Page 132 L U M IN I S APC3 Side pole mount Attachment accessories TORCH -T3: Wall mount -P Post top mount 26" 10" 3" 4 5/8" Typical luminaire 5 1/8" 5 5/8" Typical luminaire ACA6 30" 17 3/4" 25 1/2" Side pole mount extender ACAW Wall mount extender Typical luminaire Power supply 30" 36" ACA6 ACW6 ACA6 -EPA: 0.8 1" X 3" extruded aluminum side pole arm mount. 4" O.D X 30" lg. post top adaptor with a cast aluminum tenon to fit with a 3 3/4" I.D. pole. 1/2" dia. stainless steel rod support. Extruded arm and all other parts are painted same color as Luminaire. ACW6- Wall mount version with independent cast aluminum mounting plates. APC3 -EPA: 0.12 1" X 3" extruded aluminum side pole mounting adaptor. Fits with 4" O.D. pole. -P Post top mounting adaptor fits with 4" o.d.x 3 3/4" I.D.pole. -T3 1" x 3" extruded aluminum wall mounting straight adaptor with cast aluminum cover and galvanized steel mounting plate. Luminaires may be altered for improvements or discontinued without prior notice. LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5 Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999 Web: www.luminis.com Sept. 2006 Rev. June.2007 Page 136 L U M IN IS Wall mount Wall mount 14 1/2" Attachment accessories Pole mount Pole mount 15 1/2" TORCH Pole mount 23 1/2" 10" 31" TR15-ACW6 TR15-T3 14 1/2" TR15-ACA6 TR15-APC3 15 1/2" TR15-P 27 1/2" 31" TR25-ACW6 TR25-T3 14 1/2" TR25-ACA6 TR25-APC3 15 1/2" TR25-P 18" 31" TR35-ACW6 * Note: 36" extension with ACA6 attachment 24" extension with APC3 attachment OAL pole height 12-14 or 16ft. Post top mount TR35-T3 TR35-ACA6 TR35-APC3 TR35-P Compatible poles listing. Mounting style Post side mount with APC3 attachment accessory 4"O.D. PAA410-APC PAA412-APC PAA414-APC PAA416-APC PAA418-APC PAA420-APC PAA410-A PAA412-A PAA414-A PAA416-A PAA418-A PAA420-A PAA414-ACA PAA416-ACA PAA418-ACA PAA420-ACA PAA514-ACA PAA516-ACA PAA518-ACA PAA520-ACA 5"O.D. PAA510-APC PAA512-APC PAA514-APC PAA516-APC PAA518-APC PAA520-APC 4"O.D. PCA12-APC PCA14-APC PCA16-APC 4"O.D. PXD10-APC PXD12-APC PXD14-APC PXD16-APC PXD18-APC PXD20-APC * Note 4" PXD pole style PCA pole style PCA pole style PAA pole style Pole height 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 14 ft 16 ft 18 ft 20 ft Post top mounting PCA12-A PCA14-A PCA16-A PCA18-A PXD12-A PXD14-A PXD16-A PXD18-A PXD20-A PXD14-ACA PXD16-ACA PXD18-ACA PXD20-ACA 60" Post side mount with ACA6 attachment accessory PCA14-ACA PCA16-ACA For poles details and specification, please refer to pages 140 to 144 Luminaires may be altered for design improvements or discontinued without prior notice. LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5 Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999 Web: www.luminis.com Sept. 2006 Rev. June.2007 Page 137 |
Price & Availability of TR25 |